Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
Data Sheet
ADP1046A
Rev. 0 | Page 47 of 88
Address
Register Name
0x65
Light load mode digital filter zero setting
0x66
Light load mode digital filter pole setting
0x67
Light load mode digital filter HF gain setting
0x68
Reserved
Soft Start Filter Programming Registers
0x71
Soft start digital filter LF gain setting
0x72
Soft start digital filter zero setting
0x73
Soft start digital filter pole setting
0x74
Soft start digital filter HF gain setting
Extended Functions Registers
0x75
Voltage line feedforward
0x76
Volt-second balance settings (OUTA and OUTB pins)
0x77
Volt-second balance settings (OUTC and OUTD pins)
0x78
Volt-second balance settings (SR1 and SR2 pins)
0x79
SR delay compensation
0x7A
Filter transitions
0x7B
PGOOD1 flag masking
0x7C
PGOOD2 flag masking
0x7D
Light load mode threshold settings
0x7E
Reserved
0x7F
GO byte
0x80
Reserved
EEPROM Registers
0x81
RESTORE_DEFAULT_ALL
0x82
STORE_USER_ALL
0x83
RESTORE_USER_ALL
0x84
EEPROM_CRC_CHKSUM
0x85
EEPROM_ADDR_OFFSET
0x86
EEPROM_NUM_RD_BYTES
0x87
EEPROM_PAGE_ERASE
0x88
EEPROM_PASSWORD
0x89
TRIM_PASSWORD
0x8A
EEPROM_INFO
0x8B
EEPROM_DATA_00
0x8C
EEPROM_DATA_01
0x8D
EEPROM_DATA_02
0x8E
EEPROM_DATA_03
0x8F
EEPROM_DATA_04
0x90
EEPROM_DATA_05
0x91
EEPROM_DATA_06
0x92
EEPROM_DATA_07
0x93
EEPROM_DATA_08
0x94
EEPROM_DATA_09
0x95
EEPROM_DATA_10
0x96
EEPROM_DATA_11
0x97
EEPROM_DATA_12
0x98
EEPROM_DATA_13
0x99
EEPROM_DATA_14
0x9A
EEPROM_DATA_15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com