Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 76 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 76 of 88
Bits
Bit Name
R/W
Description
2
t
3 sign
R/W
0 = positive sign. Increase of balance control modulation moves t
3 right.
1 = negative sign. Increase of balance control modulation moves t
3 left.
1
Modulate enable, t
4
R/W
Setting this bit enables modulation from balance control on the OUTB falling edge, t
4. It is
recommended that volt-second balance not be enabled on edges that are between 0 ns and
640 ns of the switching period.
0
t
4 sign
R/W
0 = positive sign. Increase of balance control modulation moves t
4 right.
1 = negative sign. Increase of balance control modulation moves t
4 left.
Table 111. Register 0x77—Volt-Second Balance Settings (OUTC and OUTD Pins)
Bits
Bit Name
R/W
Description
7
Modulate enable, t
5
R/W
Setting this bit enables modulation from balance control on the OUTC rising edge, t
5. It is
recommended that volt-second balance not be enabled on edges that are between 0 ns and
640 ns of the switching period.
6
t
5 sign
R/W
0 = positive sign. Increase of balance control modulation moves t
5 right.
1 = negative sign. Increase of balance control modulation moves t
5 left.
5
Modulate enable, t
6
R/W
Setting this bit enables modulation from balance control on the OUTC falling edge, t
6. It is
recommended that volt-second balance not be enabled on edges that are between 0 ns and
640 ns of the switching period.
4
t
6 sign
R/W
0 = positive sign. Increase of balance control modulation moves t
6 right.
1 = negative sign. Increase of balance control modulation moves t
6 left.
3
Modulate enable, t
7
R/W
Setting this bit enables modulation from balance control on the OUTD rising edge, t
7. It is
recommended that volt-second balance not be enabled on edges that are between 0 ns and
640 ns of the switching period.
2
t
7 sign
R/W
0 = positive sign. Increase of balance control modulation moves t
7 right.
1 = negative sign. Increase of balance control modulation moves t
7 left.
1
Modulate enable, t
8
R/W
Setting this bit enables modulation from balance control on the OUTD falling edge, t
8. It is
recommended that volt-second balance not be enabled on edges that are between 0 ns and
640 ns of the switching period.
0
t
8 sign
R/W
0 = positive sign. Increase of balance control modulation moves t
8 right.
1 = negative sign. Increase of balance control modulation moves t
8 left.
Table 112. Register 0x78—Volt-Second Balance Settings (SR1 and SR2 Pins)
Bits
Bit Name
R/W
Description
7
Modulate enable, t
9
R/W
Setting this bit enables modulation from balance control on the SR1 rising edge, t
9. It is
recommended that volt-second balance not be enabled on edges that are between 0 ns and
640 ns of the switching period.
6
t
9 sign
R/W
0 = positive sign. Increase of balance control modulation moves t
9 right.
1 = negative sign. Increase of balance control modulation moves t
9 left.
5
Modulate enable, t
10
R/W
Setting this bit enables modulation from balance control on the SR1 falling edge, t
10. It is
recommended that volt-second balance not be enabled on edges that are between 0 ns and
640 ns of the switching period.
4
t
10 sign
R/W
0 = positive sign. Increase of balance control modulation moves t
10 right.
1 = negative sign. Increase of balance control modulation moves t
10 left.
3
Modulate enable, t
11
R/W
Setting this bit enables modulation from balance control on the SR2 rising edge, t
11. It is
recommended that volt-second balance not be enabled on edges that are between 0 ns and
640 ns of the switching period.
2
t
11 sign
R/W
0 = positive sign. Increase of balance control modulation moves t
11 right.
1 = negative sign. Increase of balance control modulation moves t
11 left.
1
Modulate enable, t
12
R/W
Setting this bit enables modulation from balance control on the SR2 falling edge, t
12. It is
recommended that volt-second balance not be enabled on edges that are between 0 ns and
640 ns of the switching period.
0
t
12 sign
R/W
0 = positive sign. Increase of balance control modulation moves t
12 right.
1 = negative sign. Increase of balance control modulation moves t
12 left.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com