Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 74 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 70Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 71Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 74 of 88
Bits
Bit Name
R/W
Description
[2:0]
Slew rate
R/W
These bits specify the slew rate at the VS3± pins for the change in the voltage reference setting.
Bit 2
Bit 1
Bit 0
Slew Rate
0
0
0
200 mV/ms
0
0
1
100 mV/ms
0
1
0
50 mV/ms
0
1
1
25 mV/ms
1
0
0
12.5 mV/ms
1
0
1
6.25 mV/ms
1
1
0
3.125 mV/ms
1
1
1
1.5625 mV/ms (4 LSB/ms)
Table 96. Register 0x60—Normal Mode Digital Filter LF Gain Setting
Bits
Bit Name
R/W
Description
[7:0]
LF gain setting
R/W
This register determines the low frequency gain of the loop response in normal mode. The LF gain
is programmable over a 20 dB range (see Figure 58).
Table 97. Register 0x61—Normal Mode Digital Filter Zero Setting
Bits
Bit Name
R/W
Description
[7:0]
Zero setting
R/W
This register determines the position of the final zero in normal mode (see Figure 58).
Table 98. Register 0x62—Normal Mode Digital Filter Pole Setting
Bits
Bit Name
R/W
Description
[7:0]
Pole location
R/W
This register determines the position of the final pole in normal mode (see Figure 58).
Table 99. Register 0x63—Normal Mode Digital Filter HF Gain Setting
Bits
Bit Name
R/W
Description
[7:0]
HF gain setting
R/W
This register determines the high frequency gain of the loop response in normal mode. The HF
gain is programmable over a 20 dB range (see Figure 58).
Table 100. Register 0x64—Light Load Mode Digital Filter LF Gain Setting
Bits
Bit Name
R/W
Description
[7:0]
LF gain setting
R/W
This register determines the low frequency gain of the loop response in light load mode. The LF
gain is programmable over a 20 dB range (see Figure 58).
Table 101. Register 0x65—Light Load Mode Digital Filter Zero Setting
Bits
Bit Name
R/W
Description
[7:0]
Zero setting
R/W
This register determines the position of the final zero in light load mode (see Figure 58).
Table 102. Register 0x66—Light Load Mode Digital Filter Pole Setting
Bits
Bit Name
R/W
Description
[7:0]
Pole location
R/W
This register determines the position of the final pole in light load mode (see Figure 58).
Table 103. Register 0x67—Light Load Mode Digital Filter HF Gain Setting
Bits
Bit Name
R/W
Description
[7:0]
HF gain setting
R/W
This register determines the high frequency gain of the loop response in light load mode. The HF
gain is programmable over a 20 dB range (see Figure 58).
Table 104. Register 0x68—Reserved
Bits
Bit Name
R/W
Description
[7:0]
Reserved
R/W
Set these bits to 0x00 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com