Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 8 of 88
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
EEPROM RELIABILITY
Endurance1
T
J = 85°C
10,000
Cycles
T
J = 125°C
1000
Cycles
Data Retention2
T
J = 85°C
20
Years
T
J = 125°C
10
Years
1 Endurance is qualified as per JEDEC Standard 22, Method A117, and is measured at −40°C, +25°C, +85°C, and +125°C. Endurance conditions are subject to change
pending EEPROM qualification.
2 Retention lifetime equivalent at junction temperature (T
J) = 85°C as per JEDEC Standard 22, Method A117. The derated retention lifetime equivalent at junction
temperature TJ = 125°C is 2.87 years and is subject to change pending EEPROM qualification.
Timing Diagram
SCL
SDA
P
S
tBUF
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tHD;STA
tSU;STA
tSU;STO
tLOW
tR
tF
S
P
Figure 2. Serial Bus Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com