Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
Data Sheet
ADP1046A
Rev. 0 | Page 7 of 88
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Measurement Accuracy
Factory trimmed at 1 V
10 mV to 160 mV
−0.5
+0.5
% FSR
−8
+8
mV
0% to 100% of usable input voltage range
−3.0
+3.0
% FSR
−42
+42
mV
Temperature Readings Using
Internal Linearization Scheme
RTD source set to 46 µA (Register 0x11 set to
0xE6); NTC R0 = 100 kΩ, 1%; beta = 4250, 1%;
R
EXT = 16.5 kΩ, 1%
25°C to 100°C
7
°C
100°C to 125°C
5
°C
OTP
Threshold Accuracy
T = 85°C with 100 kΩ||16.5 kΩ
−0.9
+0.25
% FSR
−14.4
+4
mV
T = 100°C with 100 kΩ||16.5 kΩ
−0.5
+1.1
% FSR
−8
+17.6
mV
Comparator Speed
10.5
ms
OTP Threshold Hysteresis
16
mV
PGOOD1, PGOOD2, SHAREo PINS
Open-drain outputs
Output Low Voltage
V
OL
0.4
V
PSON, SHAREi PINS
Digital inputs
Input Low Voltage
V
IL
0.8
V
Input High Voltage
V
IH
V
DD − 0.8
V
Leakage Current
1.0
µA
FLAGIN PIN
Digital input
Input Low Voltage
V
IL
0.4
V
Input High Voltage
V
IH
V
DD − 0.8
V
Propagation Delay
Does not include debounce time (Register
0x0A[3] = 1); flag action set to disable PSU
200
ns
Leakage Current
1.0
µA
GATE PIN
Output Low Voltage
V
OL
0.4
V
Output High Voltage
V
OH
V
DD − 0.4
V
SDA/SCL PINS
V
DD = 3.3 V
Input Low Voltage
V
IL
0.8
V
Input High Voltage
V
IH
V
DD − 0.8
V
Output Low Voltage
V
OL
0.4
V
Leakage Current
1.0
µA
SERIAL BUS TIMING
See Figure 2
Clock Operating Frequency
10
100
400
kHz
Bus-Free Time
t
BUF
Between stop and start conditions
1.3
µs
Start Hold Time
t
HD;STA
Hold time after (repeated) start condition;
after this period, the first clock is generated
0.6
µs
Start Setup Time
t
SU;STA
Repeated start condition setup time
0.6
µs
Stop Setup Time
t
SU;STO
0.6
µs
SDA Setup Time
t
SU;DAT
100
ns
SDA Hold Time
t
HD;DAT
For readback
125
ns
For write
300
ns
SCL Low Timeout
t
TIMEOUT
25
35
ms
SCL Low Period
t
LOW
1.3
µs
SCL High Period
t
HIGH
0.6
µs
Clock Low Extend Time
t
LO;SEXT
25
ms
SCL, SDA Fall Time
t
F
20
300
ns
SCL, SDA Rise Time
t
R
20
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com