Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1046AACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
Data Sheet
ADP1046A
Rev. 0 | Page 5 of 88
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
VS3 HIGH SPEED ADC
Equivalent Sampling
Frequency
f
SAMP
f
SW
kHz
Equivalent Resolution
f
SW = 390.6 kHz
6
Bits
Dynamic Range
±30
mV
VS1 FAST OVP COMPARATOR
Threshold Accuracy
At factory trim of 1.2 V
1
1.60
%
At other thresholds (0.8 V to 1.6 V)
−2.06
+2.06
%
Propagation Delay
Does not include debounce time
(Register 0x0A[7] = 1)
40
ns
VS1 UVP DIGITAL COMPARATOR
VS1 UVP Accuracy
−2.0
+2.0
% FSR
Propagation Delay
Does not include debounce time
(Register 0x0B[3] = 1)
80
µs
AC SENSE COMPARATOR
PWM and resonant mode
Input Voltage Threshold
0.4
0.45
0.5
V
Propagation Delay
From ACSNS threshold to SRx rising edge
(resonant mode only)
160
ns
ADC Clock Frequency
1.56
MHz
Input Voltage Range
V
ACSNS
0
1
1.6
V
Usable Input Voltage Range
0
1.4
V
Sampling Frequency for I2C
Reporting
100
Hz
Sampling Period for
Feedforward
Equivalent resolution is 11 bits
10
µs
Measurement Accuracy
Factory trimmed at 1.0 V
0% to 100% of usable input voltage range
−5.0
+3.0
% FSR
10% to 90% of usable input voltage range
−2.0
+2.0
% FSR
900 mV to 1.1 V
−1.0
+1.0
% FSR
−16
+16
mV
Leakage Current
1.0
µA
CURRENT SENSE 1 (CS1 PIN)
Input Voltage Range
V
IN
0
1
1.4
V
Usable Input Voltage Range
0
1.3
V
ADC Clock Frequency
1.56
MHz
Register Update Rate
10
ms
Current Sense Measurement
Accuracy
Factory trimmed at 0.7 V; tested under dc
input conditions
10% to 50% of usable input voltage range
−3.0
+3.0
% FSR
−41.4
+41.4
mV
0% to 100% of usable input voltage range
−6.0
+3.0
% FSR
−84
+42
mV
40% to 60% of usable input voltage range
−1.0
+1.0
% FSR
Current Sense Measurement
Resolution
12
Bits
CS1 Fast OCP Threshold
1.184
1.2
1.216
V
CS1 Fast OCP Speed
80
100
ns
CS1 Accurate OCP DC Accuracy
10% to 90% of usable input voltage range
−2.0
+2.0
% FSR
−28
+28
mV
CS1 Accurate OCP Speed
2.62
5.24
ms
Leakage Current
1.0
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com