Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046AACPZ-R7 Datasheet(PDF) 60 Page - Analog Devices

Part # ADP1046AACPZ-R7
Description  Digital Controller for Isolated Power Supply Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AACPZ-R7 Datasheet(HTML) 60 Page - Analog Devices

Back Button ADP1046AACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1046AACPZ-R7 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
ADP1046A
Data Sheet
Rev. 0 | Page 60 of 88
Bits
Bit Name
R/W
Description
[1:0]
OVP sampling
R/W
The OVP flag is set if the average voltage during the OVP sampling period is greater than the OVP
threshold. This OVP flag sampling period is 80 μs. The number of samples can be increased using
these bits. If the number of samples is increased, the average voltage must be greater than the
OVP threshold for each of those cycles. For example, if this value is set to two cycles, the average
voltage must be greater than the OVP threshold for both cycles.
Bit 1
Bit 0
Additional Sampling (μs)
0
0
0 (one sample sets the OVP flag)
0
1
80 (two samples set the OVP flag)
1
0
160 (three samples set the OVP flag)
1
1
240 (four samples set the OVP flag)
Table 52. Register 0x34—VS1 Undervoltage Limit (UVP)
Bits
Bit Name
R/W
Description
7
End of cycle
shutdown
R/W
This bit is valid only when the OUTAUX pin is used for regulation. When any flag shuts down the
power supply, the OUTAUX PWM is immediately shut down. This bit specifies when the other PWM
outputs are shut down.
1 = all other PWM outputs are shut down at the end of the switching cycle.
0 = all other PWM outputs are immediately shut down.
[6:0]
VS1 UVP setting
R/W
These bits set the UVP limit to one of 128 settings. The UVP limit can be programmed from 0% to
158.75% of the nominal VS1 voltage. Each LSB increases the voltage by 158.75%/128 = 1.25%. In
reality, there are 81 usable settings, which program the UVP threshold from 0% to 100% of the
nominal VS1 voltage. The VS1 UVP threshold is calculated as follows:
VS1_UVP_Threshold = [(VS1_UVP_Setting + 1)/128] × 1.6 V − 12.5 mV
For example, if the VS1 UVP setting is 60, then
VS1_UVP_Threshold = [(60 + 1)/128] × 1.6 V − 12.5 mV = 750 mV
Setting these bits to 0 gives a UVP limit of 0% of the nominal VS1 voltage.
Setting these bits to 72 (0x48) gives a UVP limit of 90% of the nominal VS1 voltage.
Setting these bits to 76 (0x4C) gives a UVP limit of 95% of the nominal VS1 voltage.
Setting these bits to 80 (0x50) gives a UVP limit of 100% of the nominal VS1 voltage.
Setting these bits to 127 (0x7F) gives a UVP limit of 158.75% of the nominal VS1 voltage.
Table 53. Register 0x35—Line Impedance Limit
Bits
Bit Name
R/W
Description
[7:0]
Line impedance
limit
R/W
This value sets the threshold at which the line impedance flag is enabled. This 8-bit value is
compared with the line impedance value (Register 0x1F). If the line impedance value exceeds this
value, the line impedance flag is set (Register 0x02, Bit 2).
Table 54. Register 0x36—Load Line Impedance
Bits
Bit Name
R/W
Description
7
Load line enable
R/W
Set this bit to enable the load line.
[6:4]
Slew rate
R/W
These bits set the load line slew rate limit, which determines the maximum slew rate for changing
the reference when adjusting the output load line value.
Bit 6
Bit 5
Bit 4
Maximum Slew Rate Duration
0
0
0
200 mV/ms
0
0
1
100 mV/ms
0
1
0
50 mV/ms
0
1
1
25 mV/ms
1
0
0
12.5 mV/ms
1
0
1
6.25 mV/ms
1
1
0
3.125 mV/ms
1
1
1
1.5625 mV/ms (4 LSB/ms)
3
Reserved
R/W
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com