Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 155 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 155 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 151Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 152Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 153Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 154Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 155Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 156Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 157Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 158Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 159Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 341 page
background image
Chapter 10 Internal Clock Source (S08ICSV2)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
151
10.1.2
Features
Key features of the ICS module follow. For device specific information, refer to the ICS Characteristics in
the Electricals section of the documentation.
•
Frequency-locked loop (FLL) is trimmable for accuracy
— 0.2% resolution using internal 32kHz reference
— 2% deviation over voltage and temperature using internal 32kHz reference
•
Internal or external reference clocks up to 5MHz can be used to control the FLL
— 3 bit select for reference divider is provided
•
Internal reference clock has 9 trim bits available
•
Internal or external reference clocks can be selected as the clock source for the MCU
•
Whichever clock is selected as the source can be divided down
— 2 bit select for clock divider is provided
– Allowable dividers are: 1, 2, 4, 8
– BDC clock is provided as a constant divide by 2 of the DCO output
•
Control signals for a low power oscillator as the external reference clock are provided
— HGO, RANGE, EREFS, ERCLKEN, EREFSTEN
•
FLL Engaged Internal mode is automatically selected out of reset
10.1.3
Block Diagram
Figure 10-2 is the ICS block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com