Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 159 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 159 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 155Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 156Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 157Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 158Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 159Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 160Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 161Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 162Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 341 page
background image
Chapter 10 Internal Clock Source (S08ICSV2)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
155
10.3.2
ICS Control Register 2 (ICSC2)
76
5
4
3
2
1
0
R
BDIV
RANGE
HGO
LP
EREFS
ERCLKEN
EREFSTEN
W
Reset:
0
1
0
0
0
0
0
0
Figure 10-4. ICS Control Register 2 (ICSC2)
Table 10-3. ICS Control Register 2 Field Descriptions
Field
Description
7:6
BDIV
Bus Frequency Divider — Selects the amount to divide down the clock source selected by the CLKS bits. This
controls the bus frequency.
00
Encoding 0 — Divides selected clock by 1
01
Encoding 1 — Divides selected clock by 2 (reset default)
10
Encoding 2 — Divides selected clock by 4
11
Encoding 3 — Divides selected clock by 8
5
RANGE
Frequency Range Select — Selects the frequency range for the external oscillator.
1 High frequency range selected for the external oscillator
0 Low frequency range selected for the external oscillator
4
HGO
High Gain Oscillator Select — The HGO bit controls the external oscillator mode of operation.
1 Configure external oscillator for high gain operation
0 Configure external oscillator for low power operation
3
LP
Low Power Select — The LP bit controls whether the FLL is disabled in FLL bypassed modes.
1 FLL is disabled in bypass modes unless BDM is active
0 FLL is not disabled in bypass mode
2
EREFS
External Reference Select — The EREFS bit selects the source for the external reference clock.
1 Oscillator requested
0 External Clock Source requested
1
ERCLKEN
External Reference Enable — The ERCLKEN bit enables the external reference clock for use as ICSERCLK.
1 ICSERCLK active
0 ICSERCLK inactive
0
EREFSTEN
External Reference Stop Enable — The EREFSTEN bit controls whether or not the external reference clock
remains enabled when the ICS enters stop mode.
1 External reference clock stays enabled in stop if ERCLKEN is set or if ICS is in FEE, FBE, or FBELP mode
before entering stop
0 External reference clock is disabled in stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com