Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 160 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 160 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 156Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 157Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 158Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 159Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 160Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 161Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 162Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 163Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 164Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 341 page
background image
Chapter 10 Internal Clock Source (S08ICSV2)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
156
Freescale Semiconductor
10.3.3
ICS Trim Register (ICSTRM)
10.3.4
ICS Status and Control (ICSSC)
7
654
3
210
R
TRIM
W
POR:
1
0
0
0
0
0
0
0
Reset:
U
U
U
U
U
U
U
U
Figure 10-5. ICS Trim Register (ICSTRM)
Table 10-4. ICS Trim Register Field Descriptions
Field
Description
7:0
TRIM
ICS Trim Setting — The TRIM bits control the internal reference clock frequency by controlling the internal
reference clock period. The bits’ effect are binary weighted (i.e., bit 1 will adjust twice as much as bit 0).
Increasing the binary value in TRIM will increase the period, and decreasing the value will decrease the period.
An additional fine trim bit is available in ICSSC as the FTRIM bit.
7
654
3
210
R
0
0
0
IREFST
CLKST
OSCINIT
FTRIM
W
POR:
Reset:
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
U
Figure 10-6. ICS Status and Control Register (ICSSC)
Table 10-5. ICS Status and Control Register Field Descriptions
Field
Description
7:5
Reserved, should be cleared.
4
IREFST
Internal Reference Status — The IREFST bit indicates the current source for the reference clock. The IREFST
bit does not update immediately after a write to the IREFS bit due to internal synchronization between clock
domains.
0 Source of reference clock is external clock.
1 Source of reference clock is internal clock.
3-2
CLKST
Clock Mode Status — The CLKST bits indicate the current clock mode. The CLKST bits don’t update
immediately after a write to the CLKS bits due to internal synchronization between clock domains.
00
Output of FLL is selected.
01
FLL Bypassed, Internal reference clock is selected.
10
FLL Bypassed, External reference clock is selected.
11
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com