| Electronic Components Datasheet Search |
|
MC9S08SH4MPJR Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC9S08SH4MPJR Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc |
|
161 / 341 page ![]() Chapter 10 Internal Clock Source (S08ICSV2) MC9S08SH8 MCU Series Data Sheet, Rev. 3 Freescale Semiconductor 157 10.4 Functional Description 10.4.1 Operational Modes Figure 10-7. Clock Switching Modes The seven states of the ICS are shown as a state diagram and are described below. The arrows indicate the allowed movements between the states. 10.4.1.1 FLL Engaged Internal (FEI) FLL engaged internal (FEI) is the default mode of operation and is entered when all the following conditions occur: 1 OSC Initialization — If the external reference clock is selected by ERCLKEN or by the ICS being in FEE, FBE, or FBELP mode, and if EREFS is set, then this bit is set after the initialization cycles of the external oscillator clock have completed. This bit is only cleared when either ERCLKEN or EREFS are cleared. 0 ICS Fine Trim — The FTRIM bit controls the smallest adjustment of the internal reference clock frequency. Setting FTRIM will increase the period and clearing FTRIM will decrease the period by the smallest amount possible. Table 10-5. ICS Status and Control Register Field Descriptions (continued) Field Description FLL Bypassed Internal Low Power(FBILP) IREFS=1 CLKS=00 Entered from any state when MCU enters stop FLL Engaged Internal (FEI) FLL Bypassed Internal (FBI) FLL Bypassed External (FBE) FLL Engaged External (FEE) FLL Bypassed External Low Power(FBELP) IREFS=0 CLKS=00 IREFS=0 CLKS=10 BDM Enabled or LP =0 Returns to state that was active before MCU entered stop, unless RESET occurs while in stop. IREFS=0 CLKS=10 BDM Disabled and LP=1 IREFS=1 CLKS=01 BDM Enabled or LP=0 IREFS=1 CLKS=01 BDM Disabled and LP=1 Stop |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |