Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 157 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 157 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 153Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 154Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 155Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 156Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 157Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 158Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 159Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 160Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 161Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 341 page
background image
Chapter 10 Internal Clock Source (S08ICSV2)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
153
10.1.4.4
FLL Bypassed Internal Low Power (FBILP)
In FLL bypassed internal low power mode, the FLL is disabled and bypassed, and the ICS supplies a clock
derived from the internal reference clock. The BDC clock is not available.
10.1.4.5
FLL Bypassed External (FBE)
In FLL bypassed external mode, the FLL is enabled and controlled by an external reference clock, but is
bypassed. The ICS supplies a clock derived from the external reference clock. The external reference clock
can be an external crystal/resonator supplied by an OSC controlled by the ICS, or it can be another external
clock source. The BDC clock is supplied from the FLL.
10.1.4.6
FLL Bypassed External Low Power (FBELP)
In FLL bypassed external low power mode, the FLL is disabled and bypassed, and the ICS supplies a clock
derived from the external reference clock. The external reference clock can be an external crystal/resonator
supplied by an OSC controlled by the ICS, or it can be another external clock source. The BDC clock is
not available.
10.1.4.7
Stop (STOP)
In stop mode the FLL is disabled and the internal or external reference clocks can be selected to be enabled
or disabled. The BDC clock is not available and the ICS does not provide an MCU clock source.
10.2 External Signal Description
There are no ICS signals that connect off chip.
10.3 Register Definitio
Figure 10-1 is a summary of ICS registers.
Table 10-1. ICS Register Summary
Name
76543
2
1
0
ICSC1
R
CLKS
RDIV
IREFS
IRCLKEN
IREFSTEN
W
ICSC2
R
BDIV
RANGE
HGO
LP
EREFS
ERCLKEN
EREFSTEN
W
ICSTRM
R
TRIM
W
ICSSC
R
0
0
0
IREFST
CLKST
OSCINIT
FTRIM
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com