Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4MPJR Datasheet(PDF) 158 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4MPJR
Description  MC9S08SH8 Datasheet
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4MPJR Datasheet(HTML) 158 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4MPJR Datasheet HTML 154Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 155Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 156Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 157Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 158Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 159Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 160Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 161Page - Freescale Semiconductor, Inc MC9S08SH4MPJR Datasheet HTML 162Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 341 page
background image
Chapter 10 Internal Clock Source (S08ICSV2)
MC9S08SH8 MCU Series Data Sheet, Rev. 3
154
Freescale Semiconductor
10.3.1
ICS Control Register 1 (ICSC1)
7
654
3
210
R
CLKS
RDIV
IREFS
IRCLKEN
IREFSTEN
W
Reset:
0
0
0
0
0
1
0
0
Figure 10-3. ICS Control Register 1 (ICSC1)
Table 10-2. ICS Control Register 1 Field Descriptions
Field
Description
7:6
CLKS
Clock Source Select — Selects the clock source that controls the bus frequency. The actual bus frequency
depends on the value of the BDIV bits.
00
Output of FLL is selected.
01
Internal reference clock is selected.
10
External reference clock is selected.
11
Reserved, defaults to 00.
5:3
RDIV
Reference Divider — Selects the amount to divide down the FLL reference clock selected by the IREFS bits.
Resulting frequency must be in the range 31.25 kHz to 39.0625 kHz.
000 Encoding 0 — Divides reference clock by 1 (reset default)
001 Encoding 1 — Divides reference clock by 2
010 Encoding 2 — Divides reference clock by 4
011 Encoding 3 — Divides reference clock by 8
100 Encoding 4 — Divides reference clock by 16
101 Encoding 5 — Divides reference clock by 32
110 Encoding 6 — Divides reference clock by 64
111 Encoding 7 — Divides reference clock by 128
2
IREFS
Internal Reference Select — The IREFS bit selects the reference clock source for the FLL.
1 Internal reference clock selected
0 External reference clock selected
1
IRCLKEN
Internal Reference Clock Enable — The IRCLKEN bit enables the internal reference clock for use as
ICSIRCLK.
1 ICSIRCLK active
0 ICSIRCLK inactive
0
IREFSTEN
Internal Reference Stop Enable — The IREFSTEN bit controls whether or not the internal reference clock
remains enabled when the ICS enters stop mode.
1 Internal reference clock stays enabled in stop if IRCLKEN is set or if ICS is in FEI, FBI, or FBILP mode before
entering stop
0 Internal reference clock is disabled in stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com