Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 40 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 40 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 36Page - Winbond W25Q40BLSVIP Datasheet HTML 37Page - Winbond W25Q40BLSVIP Datasheet HTML 38Page - Winbond W25Q40BLSVIP Datasheet HTML 39Page - Winbond W25Q40BLSVIP Datasheet HTML 40Page - Winbond W25Q40BLSVIP Datasheet HTML 41Page - Winbond W25Q40BLSVIP Datasheet HTML 42Page - Winbond W25Q40BLSVIP Datasheet HTML 43Page - Winbond W25Q40BLSVIP Datasheet HTML 44Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
W25Q40BL
- 40 -
7.2.23 Sector Erase (20h)
The Sector Erase instruction sets all memory within a specified sector (4K-bytes) to the erased state of all
1s (FFh). A Write Enable instruction must be executed before the device will accept the Sector Erase
Instruction (Status Register bit WEL must equal 1). The instruction is initiated by driving the /CS pin low
and shifting the instruction code “20h” followed a 24-bit sector address (A23-A0) (see Figure 2). The
Sector Erase instruction sequence is shown in figure 21.
The /CS pin must be driven high after the eighth bit of the last byte has been latched. If this is not done the
Sector Erase instruction will not be executed. After /CS is driven high, the self-timed Sector Erase
instruction will commence for a time duration of tSE (See AC Characteristics). While the Sector Erase
cycle is in progress, the Read Status Register instruction may still be accessed for checking the status of
the BUSY bit. The BUSY bit is a 1 during the Sector Erase cycle and becomes a 0 when the cycle is
finished and the device is ready to accept other instructions again. After the Sector Erase cycle has
finished the Write Enable Latch (WEL) bit in the Status Register is cleared to 0. The Sector Erase
instruction will not be executed if the addressed page is protected by the Block Protect (CMP, SEC, TB,
BP2, BP1, and BP0) bits (see Status Register Memory Protection table).
Figure 21. Sector Erase Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com