Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 22 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 22 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 18Page - Winbond W25Q40BLSVIP Datasheet HTML 19Page - Winbond W25Q40BLSVIP Datasheet HTML 20Page - Winbond W25Q40BLSVIP Datasheet HTML 21Page - Winbond W25Q40BLSVIP Datasheet HTML 22Page - Winbond W25Q40BLSVIP Datasheet HTML 23Page - Winbond W25Q40BLSVIP Datasheet HTML 24Page - Winbond W25Q40BLSVIP Datasheet HTML 25Page - Winbond W25Q40BLSVIP Datasheet HTML 26Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
W25Q40BL
- 22 -
7.2.8
Read Status Register-1 (05h) and Read Status Register-2 (35h)
The Read Status Register instructions allow the 8-bit Status Registers to be read. The instruction is
entered by driving /CS low and shifting the instruction code “05h” for Status Register-1 or “35h” for Status
Register-2 into the DI pin on the rising edge of CLK. The status register bits are then shifted out on the DO
pin at the falling edge of CLK with most significant bit (MSB) first as shown in figure 7. The Status Register
bits are shown in figure 3a and 3b and include the BUSY, WEL, BP2-BP0, TB, SEC, SRP0, SRP1, QE,
LB[3:1], CMP and SUS bits (see Status Register section earlier in this datasheet).
The Read Status Register instruction may be used at any time, even while a Program, Erase or Write
Status Register cycle is in progress. This allows the BUSY status bit to be checked to determine when the
cycle is complete and if the device can accept another instruction. The Status Register can be read
continuously, as shown in Figure 7. The instruction is completed by driving /CS high.
Figure 7. Read Status Register Instruction Sequence Diagram
7.2.9
Write Status Register (01h)
The Write Status Register instruction allows the Status Register to be written. Only non-volatile Status
Register bits SRP0, SEC, TB, BP2, BP1, BP0 (bits 7 thru 2 of Status Register-1) and CMP, LB3, LB2,
LB1, QE, SRP1 (bits 14 thru 8 of Status Register-2) can be written to. All other Status Register bit
locations are read-only and will not be affected by the Write Status Register instruction. LB[3:1] are non-
volatile OTP bits, once it is set to 1, it can not be cleared to 0. The Status Register bits are shown in figure
3 and described in 10.1.
To write non-volatile Status Register bits, a standard Write Enable (06h) instruction must previously have
been executed for the device to accept the Write Status Register Instruction (Status Register bit WEL
must equal 1). Once write enabled, the instruction is entered by driving /CS low, sending the instruction
code “01h”, and then writing the status register data byte as illustrated in figure 8.
To write volatile Status Register bits, a Write Enable for Volatile Status Register (50h) instruction must
have been executed prior to the Write Status Register instruction (Status Register bit WEL remains 0).
However, SRP1 and LB3, LB2, LB1 can not be changed from “1” to “0” because of the OTP protection for
these bits. Upon power off, the volatile Status Register bit values will be lost, and the non-volatile Status
Register bit values will be restored when power on again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com