Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 69 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 69 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 65Page - Winbond W25Q40BLSVIP Datasheet HTML 66Page - Winbond W25Q40BLSVIP Datasheet HTML 67Page - Winbond W25Q40BLSVIP Datasheet HTML 68Page - Winbond W25Q40BLSVIP Datasheet HTML 69Page - Winbond W25Q40BLSVIP Datasheet HTML 70Page - Winbond W25Q40BLSVIP Datasheet HTML 71Page - Winbond W25Q40BLSVIP Datasheet HTML 72Page - Winbond W25Q40BLSVIP Datasheet HTML 73Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
W25Q40BL
Publication Release Date: May 04, 2012
- 69 -
Revision D
8-Pad WSON 6x5-mm Cont’d.
SYMBOL
MILLIMETERS
INCHES
Min
Nom
Max
Min
Nom
Max
SOLDER PATTERN
M
3.40
0.134
N
4.30
0.169
P
6.00
0.236
Q
0.50
0.020
R
0.75
0.026
Notes:
1. Advanced Packaging Information; please contact Winbond for the latest minimum and maximum specifications.
2. BSC = Basic lead spacing between centers.
3. Dimensions D and E1 do not include mold flash protrusions and should be measured from the bottom of the
package.
4. It is recommended to connect the metal pad area on the bottom center of the package to the device ground (GND
pin). Avoid placement of exposed PCB vias under the pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com