Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 71 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 71 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 66Page - Winbond W25Q40BLSVIP Datasheet HTML 67Page - Winbond W25Q40BLSVIP Datasheet HTML 68Page - Winbond W25Q40BLSVIP Datasheet HTML 69Page - Winbond W25Q40BLSVIP Datasheet HTML 70Page - Winbond W25Q40BLSVIP Datasheet HTML 71Page - Winbond W25Q40BLSVIP Datasheet HTML 72Page - Winbond W25Q40BLSVIP Datasheet HTML 73Page - Winbond W25Q40BLSVIP Datasheet HTML 74Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
W25Q40BL
Publication Release Date: May 04, 2012
- 71 -
Revision D
9.6 8-Pad USON 2x3-mm (Package Code UX)
Note: Exposed pad dimension D2 & E2 may be different by die size.
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.50
0.55
0.60
0.020
0.022
0.024
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.20
0.25
0.30
0.008
0.010
0.012
C
―
0.15 REF
―
―
0.006 REF
―
D
1.90
2.00
2.10
0.075
0.079
0.083
D2
1.55
1.60
1.65
0.061
0.063
0.065
E
2.90
3.00
3.10
0.114
0.118
0.122
E2
0.15
0.20
0.25
0.006
0.008
0.010
e
―
0.50
―
―
0.020
―
L
0.40
0.45
0.50
0.016
0.018
0.020
L1
―
0.10
―
―
0.004
―
L3
0.30
0.35
0.40
0.012
0.014
0.016
y
0.00
―
0.075
0.000
―
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com