Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 56 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 56 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 52Page - Winbond W25Q40BLSVIP Datasheet HTML 53Page - Winbond W25Q40BLSVIP Datasheet HTML 54Page - Winbond W25Q40BLSVIP Datasheet HTML 55Page - Winbond W25Q40BLSVIP Datasheet HTML 56Page - Winbond W25Q40BLSVIP Datasheet HTML 57Page - Winbond W25Q40BLSVIP Datasheet HTML 58Page - Winbond W25Q40BLSVIP Datasheet HTML 59Page - Winbond W25Q40BLSVIP Datasheet HTML 60Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
W25Q40BL
- 56 -
7.2.38 Program Security Registers (42h)
The Program Security Register instruction is similar to the Page Program instruction. It allows from one
byte to 256 bytes of security register data to be programmed at previously erased (FFh) memory locations.
A Write Enable instruction must be executed before the device will accept the Program Security Register
Instruction (Status Register bit WEL= 1). The instruction is initiated by driving the /CS pin low then shifting
the instruction code “42h” followed by a 24-bit address (A23-A0) and at least one data byte, into the DI pin.
The /CS pin must be held low for the entire length of the instruction while data is being sent to the device.
ADDRESS
A23-16
A15-12
A11-8
A7-0
Security Register #1
00h
0 0 0 1
0 0 0 0
Byte Address
Security Register #2
00h
0 0 1 0
0 0 0 0
Byte Address
Security Register #3
00h
0 0 1 1
0 0 0 0
Byte Address
The Program Security Register instruction sequence is shown in figure 36. The Security Register Lock
Bits LB[3:1] in the Status Register-2 can be used to OTP protect the security registers. Once a lock bit is
set to 1, the corresponding security register will be permanently locked, Program Security Register
instruction to that register will be ignored (See 7.1.9, 7.2.21 for detail descriptions).
Figure 36. Program Security Registers Instruction Sequence
Instruction (42h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com