Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 74 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 74 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 66Page - Winbond W25Q40BLSVIP Datasheet HTML 67Page - Winbond W25Q40BLSVIP Datasheet HTML 68Page - Winbond W25Q40BLSVIP Datasheet HTML 69Page - Winbond W25Q40BLSVIP Datasheet HTML 70Page - Winbond W25Q40BLSVIP Datasheet HTML 71Page - Winbond W25Q40BLSVIP Datasheet HTML 72Page - Winbond W25Q40BLSVIP Datasheet HTML 73Page - Winbond W25Q40BLSVIP Datasheet HTML 74Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 74 / 74 page
background image
W25Q40BL
- 74 -
11. REVISION HISTORY
VERSION
DATE
PAGE
DESCRIPTION
A
03/26/09
New Create Preliminary
B
07/08/10
15
49, 52, 53
67-69
62, 65
5, 8, 19, 54-56
Updated memory protection description
Updated 90h, 4Bh & 9Fh waveforms
Updated package diagrams
Updated parameter VIL/VIH, tSE, tPP
Added SFDP feature
C
06/15/11
5-7, 71-73
60, 64
Added USON 2x3-mm package
Updated fast read frequency
D
05/04/12
All
6, 65-73
54
Removed preliminary designator
Added VSOP, PDIP packages; updated order info
Referred to SFDP definition application note
Trademarks
Winbond and SpiFlash are trademarks of Winbond Electronics Corporation.
All other marks are the property of their respective owner.
Important Notice
Winbond products are not designed, intended, authorized or warranted for use as components in
systems or equipment intended for surgical implantation, atomic energy control instruments,
airplane or spaceship instruments, transportation instruments, traffic signal instruments,
combustion control instruments, or for other applications intended to support or sustain life.
Further more, Winbond products are not intended for applications wherein failure of Winbond
products could result or lead to a situation wherein personal injury, death or severe property or
environmental damage could occur.
Winbond customers using or selling these products for use in such applications do so at their
own risk and agree to fully indemnify Winbond for any damages resulting from such improper use
or sales.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com