Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 18 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 18 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 14Page - Winbond W25Q40BLSVIP Datasheet HTML 15Page - Winbond W25Q40BLSVIP Datasheet HTML 16Page - Winbond W25Q40BLSVIP Datasheet HTML 17Page - Winbond W25Q40BLSVIP Datasheet HTML 18Page - Winbond W25Q40BLSVIP Datasheet HTML 19Page - Winbond W25Q40BLSVIP Datasheet HTML 20Page - Winbond W25Q40BLSVIP Datasheet HTML 21Page - Winbond W25Q40BLSVIP Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
W25Q40BL
- 18 -
7.2.3
Instruction Set Table 2 (Read Instructions)
INSTRUCTION NAME
BYTE 1
(CODE)
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Fast Read Dual Output
3Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0, …)
(1)
Fast Read Quad Output
6Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0, …)
(3)
Fast Read Dual I/O
BBh
A23-A8
(2)
A7-A0, M7-M0
(2)
(D7-D0, …)
(1)
Fast Read Quad I/O
EBh
A23-A0, M7-M0
(4)
(x,x,x,x, D7-D0,
…)
(5)
(D7-D0, …)
(3)
Word Read Quad I/O
(7)
E7h
A23-A0, M7-M0
(4)
(x,x, D7-D0, …)
(6)
(D7-D0, …)
(3)
Octal Word Read Quad I/O
(8)
E3h
A23-A0, M7-M0
(4)
(D7-D0, …)
(3)
Set Burst with Wrap
77h
xxxxxx, W6-W4
(4)
Notes:
1. Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
2. Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8 A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9 A7, A5, A3, A1, M7, M5, M3, M1
3. Quad Output Data
IO0 = (D4, D0, …..)
IO1 = (D5, D1, …..)
IO2 = (D6, D2, …..)
IO3 = (D7, D3, …..)
4. Quad Input Address
Set Burst with Wrap Input
IO0 = A20, A16, A12, A8, A4, A0, M4, M0
IO0 = x, x, x, x, x, x, W4, x
IO1 = A21, A17, A13, A9, A5, A1, M5, M1
IO1 = x, x, x, x, x, x, W5, x
IO2 = A22, A18, A14, A10, A6, A2, M6, M2
IO2 = x, x, x, x, x, x, W6 x
,
IO3 = A23, A19, A15, A11, A7, A3, M7, M3
IO3 = x, x, x, x, x, x, x,
x
5. Fast Read Quad I/O Data
IO0 = (x, x, x, x, D4, D0, …..)
IO1 = (x, x, x, x, D5, D1, …..)
IO2 = (x, x, x, x, D6, D2, …..)
IO3 = (x, x, x, x, D7, D3, …..)
6. Word Read Quad I/O Data
IO0 = (x, x, D4, D0, …..)
IO1 = (x, x, D5, D1, …..)
IO2 = (x, x, D6, D2, …..)
IO3 = (x, x, D7, D3, …..)
7. The lowest address bit must be 0. ( A0 = 0 )
8. The lowest 4 address bits must be 0. ( A0, A1, A2, A3 = 0 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com