Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 24 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 24 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 20Page - Winbond W25Q40BLSVIP Datasheet HTML 21Page - Winbond W25Q40BLSVIP Datasheet HTML 22Page - Winbond W25Q40BLSVIP Datasheet HTML 23Page - Winbond W25Q40BLSVIP Datasheet HTML 24Page - Winbond W25Q40BLSVIP Datasheet HTML 25Page - Winbond W25Q40BLSVIP Datasheet HTML 26Page - Winbond W25Q40BLSVIP Datasheet HTML 27Page - Winbond W25Q40BLSVIP Datasheet HTML 28Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
W25Q40BL
- 24 -
7.2.10
Read Data (03h)
The Read Data instruction allows one or more data bytes to be sequentially read from the memory. The
instruction is initiated by driving the /CS pin low and then shifting the instruction code “03h” followed by a
24-bit address (A23-A0) into the DI pin. The code and address bits are latched on the rising edge of the
CLK pin. After the address is received, the data byte of the addressed memory location will be shifted out
on the DO pin at the falling edge of CLK with most significant bit (MSB) first. The address is automatically
incremented to the next higher address after each byte of data is shifted out allowing for a continuous
stream of data. This means that the entire memory can be accessed with a single instruction as long as
the clock continues. The instruction is completed by driving /CS high.
The Read Data instruction sequence is shown in figure 9. If a Read Data instruction is issued while an
Erase, Program or Write cycle is in process (BUSY=1) the instruction is ignored and will not have any
effects on the current cycle. The Read Data instruction allows clock rates from D.C. to a maximum of fR
(see AC Electrical Characteristics).
Figure 9. Read Data Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com