Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 44 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 44 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 40Page - Winbond W25Q40BLSVIP Datasheet HTML 41Page - Winbond W25Q40BLSVIP Datasheet HTML 42Page - Winbond W25Q40BLSVIP Datasheet HTML 43Page - Winbond W25Q40BLSVIP Datasheet HTML 44Page - Winbond W25Q40BLSVIP Datasheet HTML 45Page - Winbond W25Q40BLSVIP Datasheet HTML 46Page - Winbond W25Q40BLSVIP Datasheet HTML 47Page - Winbond W25Q40BLSVIP Datasheet HTML 48Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
W25Q40BL
- 44 -
7.2.27 Erase / Program Suspend (75h)
The Erase/Program Suspend instruction “75h”, allows the system to interrupt a Sector or Block Erase
operation or a Page Program operation and then read from or program/erase data to, any other sectors or
blocks. The Erase/Program Suspend instruction sequence is shown in figure 25.
The Write Status Register instruction (01h) and Erase instructions (20h, 52h, D8h, C7h, 60h, 44h) are not
allowed during Erase Suspend. Erase Suspend is valid only during the Sector or Block erase operation. If
written during the Chip Erase operation, the Erase Suspend instruction is ignored. The Write Status
Register instruction (01h) and Program instructions (02h, 32h, 42h) are not allowed during Program
Suspend. Program Suspend is valid only during the Page Program or Quad Page Program operation. A
maximum of time of “tSUS” (See AC Characteristics) is required to suspend the erase or program
operation. The BUSY bit in the Status Register will clear to 0 and the SUS bit in the Status Register will be
set to 1 after Erase/Program Suspend.
Unexpected power off during the Erase/Program suspend state will reset the device and release the
suspend state. SUS bit in the Status Register will also reset to 0. The data within the page, sector or block
that was being suspended may become corrupted. It is recommended for the user to implement system
design techniques against the accidental power interruption and preserve data integrity during
erase/program suspend state.
Figure 25. Erase/Program Suspend Instruction Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com