Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 28 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 28 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 24Page - Winbond W25Q40BLSVIP Datasheet HTML 25Page - Winbond W25Q40BLSVIP Datasheet HTML 26Page - Winbond W25Q40BLSVIP Datasheet HTML 27Page - Winbond W25Q40BLSVIP Datasheet HTML 28Page - Winbond W25Q40BLSVIP Datasheet HTML 29Page - Winbond W25Q40BLSVIP Datasheet HTML 30Page - Winbond W25Q40BLSVIP Datasheet HTML 31Page - Winbond W25Q40BLSVIP Datasheet HTML 32Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
W25Q40BL
- 28 -
7.2.14 Fast Read Dual I/O (BBh)
The Fast Read Dual I/O (BBh) instruction allows for improved random access while maintaining two IO
pins, IO0 and IO1. It is similar to the Fast Read Dual Output (3Bh) instruction but with the capability to input
the Address bits (A23-0) two bits per clock. This reduced instruction overhead may allow for code
execution (XIP) directly from the Dual SPI in some applications.
Fast Read Dual I/O with “Continuous Read Mode”
The Fast Read Dual I/O instruction can further reduce instruction overhead through setting the
“Continuous Read Mode” bits (M7-0) after the input Address bits (A23-0), as shown in figure 13a. The
upper nibble of the (M7-4) controls the length of the next Fast Read Dual I/O instruction through the
inclusion or exclusion of the first byte instruction code. The lower nibble bits of the (M3-0) are don’t care
(“x”). However, the IO pins should be high-impedance prior to the falling edge of the first data out clock.
If the “Continuous Read Mode” bits M5-4 = (1,0), then the next Fast Read Dual I/O instruction (after /CS is
raised and then lowered) does not require the BBh instruction code, as shown in figure 13b. This reduces
the instruction sequence by eight clocks and allows the Read address to be immediately entered after /CS
is asserted low. If the “Continuous Read Mode” bits M5-4 do not equal to (1,0), the next instruction (after
/CS is raised and then lowered) requires the first byte instruction code, thus returning to normal operation.
A “Continuous Read Mode” Reset instruction can also be used to reset (M7-0) before issuing normal
instructions (See 7.2.20 for detail descriptions).
Figure 13a. Fast Read Dual I/O Instruction Sequence (Initial instruction or previous M5-4
≠ 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com