Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 43 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 43 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 39Page - Winbond W25Q40BLSVIP Datasheet HTML 40Page - Winbond W25Q40BLSVIP Datasheet HTML 41Page - Winbond W25Q40BLSVIP Datasheet HTML 42Page - Winbond W25Q40BLSVIP Datasheet HTML 43Page - Winbond W25Q40BLSVIP Datasheet HTML 44Page - Winbond W25Q40BLSVIP Datasheet HTML 45Page - Winbond W25Q40BLSVIP Datasheet HTML 46Page - Winbond W25Q40BLSVIP Datasheet HTML 47Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
W25Q40BL
Publication Release Date: May 04, 2012
- 43 -
Revision D
7.2.26 Chip Erase (C7h / 60h)
The Chip Erase instruction sets all memory within the device to the erased state of all 1s (FFh). A Write
Enable instruction must be executed before the device will accept the Chip Erase Instruction (Status
Register bit WEL must equal 1). The instruction is initiated by driving the /CS pin low and shifting the
instruction code “C7h” or “60h”. The Chip Erase instruction sequence is shown in figure 24.
The /CS pin must be driven high after the eighth bit has been latched. If this is not done the Chip Erase
instruction will not be executed. After /CS is driven high, the self-timed Chip Erase instruction will
commence for a time duration of tCE (See AC Characteristics). While the Chip Erase cycle is in progress,
the Read Status Register instruction may still be accessed to check the status of the BUSY bit. The BUSY
bit is a 1 during the Chip Erase cycle and becomes a 0 when finished and the device is ready to accept
other instructions again. After the Chip Erase cycle has finished the Write Enable Latch (WEL) bit in the
Status Register is cleared to 0. The Chip Erase instruction will not be executed if any page is protected by
the Block Protect (CMP, SEC, TB, BP2, BP1, and BP0) bits (see Status Register Memory Protection
table).
Figure 24. Chip Erase Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com