Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 55 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 55 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 51Page - Winbond W25Q40BLSVIP Datasheet HTML 52Page - Winbond W25Q40BLSVIP Datasheet HTML 53Page - Winbond W25Q40BLSVIP Datasheet HTML 54Page - Winbond W25Q40BLSVIP Datasheet HTML 55Page - Winbond W25Q40BLSVIP Datasheet HTML 56Page - Winbond W25Q40BLSVIP Datasheet HTML 57Page - Winbond W25Q40BLSVIP Datasheet HTML 58Page - Winbond W25Q40BLSVIP Datasheet HTML 59Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
W25Q40BL
Publication Release Date: May 04, 2012
- 55 -
Revision D
7.2.37 Erase Security Registers (44h)
The W25Q40BL offers three 256-byte Security Registers which can be erased and programmed
individually. These registers may be used by the system manufacturers to store security and other
important information separately from the main memory array.
The Erase Security Register instruction is similar to the Sector Erase instruction. A Write Enable
instruction must be executed before the device will accept the Erase Security Register Instruction (Status
Register bit WEL must equal 1). The instruction is initiated by driving the /CS pin low and shifting the
instruction code “44h” followed by a 24-bit address (A23-A0) to erase one of the three security registers.
ADDRESS
A23-16
A15-12
A11-8
A7-0
Security Register #1
00h
0 0 0 1
0 0 0 0
Don’t Care
Security Register #2
00h
0 0 1 0
0 0 0 0
Don’t Care
Security Register #3
00h
0 0 1 1
0 0 0 0
Don’t Care
The Erase Security Register instruction sequence is shown in figure 35. The /CS pin must be driven high
after the eighth bit of the last byte has been latched. If this is not done the instruction will not be executed.
After /CS is driven high, the self-timed Erase Security Register operation will commence for a time
duration of tSE (See AC Characteristics). While the Erase Security Register cycle is in progress, the Read
Status Register instruction may still be accessed for checking the status of the BUSY bit. The BUSY bit is
a 1 during the erase cycle and becomes a 0 when the cycle is finished and the device is ready to accept
other instructions again. After the Erase Security Register cycle has finished the Write Enable Latch
(WEL) bit in the Status Register is cleared to 0. The Security Register Lock Bits LB[3:1] in the Status
Register-2 can be used to OTP protect the security registers. Once a lock bit is set to 1, the corresponding
security register will be permanently locked, Erase Security Register instruction to that register will be
ignored (See 7.1.9 for detail descriptions).
Figure 35. Erase Security Registers Instruction Sequence
Instruction (44h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com