Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 62 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 62 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 58Page - Winbond W25Q40BLSVIP Datasheet HTML 59Page - Winbond W25Q40BLSVIP Datasheet HTML 60Page - Winbond W25Q40BLSVIP Datasheet HTML 61Page - Winbond W25Q40BLSVIP Datasheet HTML 62Page - Winbond W25Q40BLSVIP Datasheet HTML 63Page - Winbond W25Q40BLSVIP Datasheet HTML 64Page - Winbond W25Q40BLSVIP Datasheet HTML 65Page - Winbond W25Q40BLSVIP Datasheet HTML 66Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
W25Q40BL
- 62 -
8.6 AC Electrical Characteristics
DESCRIPTION
SYMBOL
ALT
SPEC
UNIT
MIN
TYP
MAX
Clock frequency for all instructions
except Read Data instruction (03h)
2.3V-2.7V VCC & Industrial Temperature
FR
fC
D.C.
50
MHz
Clock frequency for all instructions
except Read Data instruction (03h)
2.7V-3.6V VCC & Industrial Temperature
FR
fC
D.C.
80
MHz
Clock frequency for Read Data instruction (03h)
fR
D.C.
25
MHz
Clock High, Low Time
for all instructions except Read Data (03h)
tCLH1,
tCLL1(1)
7
ns
Clock High, Low Time
for Read Data (03h) instruction
tCRLH,
tCRLL(1)
13
ns
Clock Rise Time peak to peak
tCLCH(2)
0.1
V/ns
Clock Fall Time peak to peak
tCHCL(2)
0.1
V/ns
/CS Active Setup Time relative to CLK
tSLCH
tCSS
5
ns
/CS Not Active Hold Time relative to CLK
tCHSL
5
ns
Data In Setup Time
tDVCH
tDSU
2
ns
Data In Hold Time
tCHDX
tDH
5
ns
/CS Active Hold Time relative to CLK
tCHSH
5
ns
/CS Not Active Setup Time relative to CLK
tSHCH
5
ns
/CS Deselect Time (for Array Read
Array Read)
tSHSL1
tCSH
50
ns
/CS Deselect Time (for Erase or Program
Read
Status Registers)
Volatile Status Register Write Time
tSHSL2
tCSH
100
50
ns
Output Disable Time
tSHQZ(2)
tDIS
7
ns
Clock Low to Output Valid
tCLQV1
tV1
9
ns
Clock Low to Output Valid (for Read ID instructions)
tCLQV2
tV2
9
ns
Output Hold Time
tCLQX
tHO
0
ns
/HOLD Active Setup Time relative to CLK
tHLCH
5
ns
Continued – next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com