Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 58 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 58 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 54Page - Winbond W25Q40BLSVIP Datasheet HTML 55Page - Winbond W25Q40BLSVIP Datasheet HTML 56Page - Winbond W25Q40BLSVIP Datasheet HTML 57Page - Winbond W25Q40BLSVIP Datasheet HTML 58Page - Winbond W25Q40BLSVIP Datasheet HTML 59Page - Winbond W25Q40BLSVIP Datasheet HTML 60Page - Winbond W25Q40BLSVIP Datasheet HTML 61Page - Winbond W25Q40BLSVIP Datasheet HTML 62Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 74 page
background image
W25Q40BL
- 58 -
8.
ELECTRICAL CHARACTERISTICS
8.1 Absolute Maximum Ratings (1)
PARAMETERS
SYMBOL
CONDITIONS
RANGE
UNIT
Supply Voltage
VCC
–0.6 to +4.0
V
Voltage Applied to Any Pin
VIO
Relative to Ground
–0.6 to VCC+0.4
V
Transient Voltage on any Pin
VIOT
<20nS Transient
Relative to Ground
–2.0V to VCC+2.0V
V
Storage Temperature
TSTG
–65 to +150
°C
Lead Temperature
TLEAD
See Note (2)
°C
Electrostatic Discharge Voltage
VESD
Human Body Model(3)
–2000 to +2000
V
Notes:
1. This device has been designed and tested for the specified operation ranges. Proper operation outside
of these levels is not guaranteed. Exposure to absolute maximum ratings may affect device reliability.
Exposure beyond absolute maximum ratings may cause permanent damage.
2. Compliant with JEDEC Standard J-STD-20C for small body Sn-Pb or Pb-free (Green) assembly and the
European directive on restrictions on hazardous substances (RoHS) 2002/95/EU.
3. JEDEC Std JESD22-A114A (C1=100pF, R1=1500 ohms, R2=500 ohms).
8.2 Operating Ranges
PARAMETER
SYMBOL
CONDITIONS
SPEC
UNIT
MIN
MAX
Supply Voltage(1)
VCC
FR = 50MHz, fR = 25MHz
FR = 80MHz, fR = 25MHz
2.3
2.7
2.7
3.6
V
Ambient Temperature,
Operating
TA
Industrial
–40
+85
°C
Note:
1. VCC voltage during Read can operate across the min and max range but should not exceed ±10% of
the programming (erase/write) voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com