Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 65 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 65 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 61Page - Winbond W25Q40BLSVIP Datasheet HTML 62Page - Winbond W25Q40BLSVIP Datasheet HTML 63Page - Winbond W25Q40BLSVIP Datasheet HTML 64Page - Winbond W25Q40BLSVIP Datasheet HTML 65Page - Winbond W25Q40BLSVIP Datasheet HTML 66Page - Winbond W25Q40BLSVIP Datasheet HTML 67Page - Winbond W25Q40BLSVIP Datasheet HTML 68Page - Winbond W25Q40BLSVIP Datasheet HTML 69Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
W25Q40BL
Publication Release Date: May 04, 2012
- 65 -
Revision D
9. PACKAGE SPECIFICATION
9.1 8-Pin SOIC 150-mil (Package Code SN)
L
O
c
D
A1
A
e
b
SEATING PLANE
Y
0.25
GAUGE PLANE
E
H
E
1
8
5
4
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
b
0.33
0.51
0.013
0.020
c
0.19
0.25
0.008
0.010
E
3.80
4.00
0.150
0.157
D
4.80
5.00
0.188
0.196
e
1.27 BSC
0.050 BSC
HE
5.80
6.20
0.228
0.244
Y
---
0.10
---
0.004
L
0.40
1.27
0.016
0.050
θ
0°
10°
0°
10°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com