Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 50 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 50 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 46Page - Winbond W25Q40BLSVIP Datasheet HTML 47Page - Winbond W25Q40BLSVIP Datasheet HTML 48Page - Winbond W25Q40BLSVIP Datasheet HTML 49Page - Winbond W25Q40BLSVIP Datasheet HTML 50Page - Winbond W25Q40BLSVIP Datasheet HTML 51Page - Winbond W25Q40BLSVIP Datasheet HTML 52Page - Winbond W25Q40BLSVIP Datasheet HTML 53Page - Winbond W25Q40BLSVIP Datasheet HTML 54Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
W25Q40BL
- 50 -
7.2.32 Read Manufacturer / Device ID Dual I/O (92h)
The Manufacturer / Device ID Dual I/O instruction is an alternative to the Read Manufacturer/Device ID
instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID at 2x
speed.
The Read Manufacturer / Device ID Dual I/O instruction is similar to the Fast Read Dual I/O instruction.
The instruction is initiated by driving the /CS pin low and shifting the instruction code “92h” followed by a
24-bit address (A23-A0) of 000000h, 8-bit Continuous Read Mode Bits, with the capability to input the
Address bits two bits per clock. After which, the Manufacturer ID for Winbond (EFh) and the Device ID are
shifted out 2 bits per clock on the falling edge of CLK with most significant bits (MSB) first as shown in
figure 30. The Device ID values for the W25Q40BL is listed in Manufacturer and Device Identification
table. If the 24-bit address is initially set to 000001h the Device ID will be read first and then followed by
the Manufacturer ID. The Manufacturer and Device IDs can be read continuously, alternating from one to
the other. The instruction is completed by driving /CS high.
Figure 30. Read Manufacturer / Device ID Dual I/O Diagram
Note:
The “Continuous Read Mode” bits M7-0 must be set to Fxh to be compatible with Fast Read Dual I/O instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com