Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 46 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 46 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 42Page - Winbond W25Q40BLSVIP Datasheet HTML 43Page - Winbond W25Q40BLSVIP Datasheet HTML 44Page - Winbond W25Q40BLSVIP Datasheet HTML 45Page - Winbond W25Q40BLSVIP Datasheet HTML 46Page - Winbond W25Q40BLSVIP Datasheet HTML 47Page - Winbond W25Q40BLSVIP Datasheet HTML 48Page - Winbond W25Q40BLSVIP Datasheet HTML 49Page - Winbond W25Q40BLSVIP Datasheet HTML 50Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
W25Q40BL
- 46 -
7.2.29 Power-down (B9h)
Although the standby current during normal operation is relatively low, standby current can be further
reduced with the Power-down instruction. The lower power consumption makes the Power-down
instruction especially useful for battery powered applications (See ICC1 and ICC2 in AC Characteristics).
The instruction is initiated by driving the /CS pin low and shifting the instruction code “B9h” as shown in
figure 27.
The /CS pin must be driven high after the eighth bit has been latched. If this is not done the Power-down
instruction will not be executed. After /CS is driven high, the power-down state will entered within the time
duration of tDP (See AC Characteristics). While in the power-down state only the Release from Power-
down / Device ID instruction, which restores the device to normal operation, will be recognized. All other
instructions are ignored. This includes the Read Status Register instruction, which is always available
during normal operation. Ignoring all but one instruction makes the Power Down state a useful condition
for securing maximum write protection. The device always powers-up in the normal operation with the
standby current of ICC1.
Figure 27. Deep Power-down Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com