Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 67 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 67 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 63Page - Winbond W25Q40BLSVIP Datasheet HTML 64Page - Winbond W25Q40BLSVIP Datasheet HTML 65Page - Winbond W25Q40BLSVIP Datasheet HTML 66Page - Winbond W25Q40BLSVIP Datasheet HTML 67Page - Winbond W25Q40BLSVIP Datasheet HTML 68Page - Winbond W25Q40BLSVIP Datasheet HTML 69Page - Winbond W25Q40BLSVIP Datasheet HTML 70Page - Winbond W25Q40BLSVIP Datasheet HTML 71Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 74 page
background image
W25Q40BL
Publication Release Date: May 04, 2012
- 67 -
Revision D
9.3 8-Pin SOIC 208-mil (Package Code SS)
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
1.75
1.95
2.16
0.069
0.077
0.085
A1
0.05
0.15
0.25
0.002
0.006
0.010
A2
1.70
1.80
1.91
0.067
0.071
0.075
b
0.35
0.42
0.48
0.014
0.017
0.019
C
0.19
0.20
0.25
0.007
0.008
0.010
D
5.18
5.28
5.38
0.204
0.208
0.212
D1
5.13
5.23
5.33
0.202
0.206
0.210
E
5.18
5.28
5.38
0.204
0.208
0.212
E1
5.13
5.23
5.33
0.202
0.206
0.210
e
1.27 BSC
0.050 BSC
H
7.70
7.90
8.10
0.303
0.311
0.319
L
0.50
0.65
0.80
0.020
0.026
0.031
y
---
---
0.10
---
---
0.004
θ
0°
---
8°
0°
---
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com