Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 20 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 20 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 16Page - Winbond W25Q40BLSVIP Datasheet HTML 17Page - Winbond W25Q40BLSVIP Datasheet HTML 18Page - Winbond W25Q40BLSVIP Datasheet HTML 19Page - Winbond W25Q40BLSVIP Datasheet HTML 20Page - Winbond W25Q40BLSVIP Datasheet HTML 21Page - Winbond W25Q40BLSVIP Datasheet HTML 22Page - Winbond W25Q40BLSVIP Datasheet HTML 23Page - Winbond W25Q40BLSVIP Datasheet HTML 24Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
W25Q40BL
- 20 -
7.2.5
Write Enable (06h)
The Write Enable instruction (Figure 4) sets the Write Enable Latch (WEL) bit in the Status Register to a
1. The WEL bit must be set prior to every Page Program, Quad Page Program, Sector Erase, Block
Erase, Chip Erase, Write Status Register and Erase/Program Security Registers instruction. The Write
Enable instruction is entered by driving /CS low, shifting the instruction code “06h” into the Data Input (DI)
pin on the rising edge of CLK, and then driving /CS high.
Figure 4. Write Enable Instruction Sequence Diagram
7.2.6
Write Enable for Volatile Status Register (50h)
The non-volatile Status Register bits described in section 7.1 can also be written to as volatile bits. This
gives more flexibility to change the system configuration and memory protection schemes quickly without
waiting for the typical non-volatile bit write cycles or affecting the endurance of the Status Register non-
volatile bits. To write the volatile values into the Status Register bits, the Write Enable for Volatile Status
Register (50h) instruction must be issued prior to a Write Status Register (01h) instruction. Write Enable
for Volatile Status Register instruction (Figure 5) will not set the Write Enable Latch (WEL) bit, it is only
valid for the Write Status Register instruction to change the volatile Status Register bit values.
Instruction (50h)
Figure 5. Write Enable for Volatile Status Register Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com