Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q40BLSVIP Datasheet(PDF) 23 Page - Winbond

Part # W25Q40BLSVIP
Description  2.5V 4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BLSVIP Datasheet(HTML) 23 Page - Winbond

Back Button W25Q40BLSVIP Datasheet HTML 19Page - Winbond W25Q40BLSVIP Datasheet HTML 20Page - Winbond W25Q40BLSVIP Datasheet HTML 21Page - Winbond W25Q40BLSVIP Datasheet HTML 22Page - Winbond W25Q40BLSVIP Datasheet HTML 23Page - Winbond W25Q40BLSVIP Datasheet HTML 24Page - Winbond W25Q40BLSVIP Datasheet HTML 25Page - Winbond W25Q40BLSVIP Datasheet HTML 26Page - Winbond W25Q40BLSVIP Datasheet HTML 27Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
W25Q40BL
To complete the Write Status Register instruction, the /CS pin must be driven high after the eighth or
sixteenth bit of data that is clocked in. If this is not done the Write Status Register instruction will not be
executed. If /CS is driven high after the eighth clock (compatible with the 25X series) the CMP and QE bits
will be cleared to 0.
During non-volatile Status Register write operation (06h combined with 01h), after /CS is driven high, the
self-timed Write Status Register cycle will commence for a time duration of tW (See AC Characteristics).
While the Write Status Register cycle is in progress, the Read Status Register instruction may still be
accessed to check the status of the BUSY bit. The BUSY bit is a 1 during the Write Status Register cycle
and a 0 when the cycle is finished and ready to accept other instructions again. After the Write Status
Register cycle has finished, the Write Enable Latch (WEL) bit in the Status Register will be cleared to 0.
During volatile Status Register write operation (50h combined with 01h), after /CS is driven high, the
Status Register bits will be refreshed to the new values within the time period of tSHSL2 (See AC
Characteristics). BUSY bit will remain 0 during the Status Register bit refresh period.
Please refer to 10.1 for detailed Status Register Bit descriptions. Factory default for all status Register bits
are 0.
15 14 13 12 11 10
9
8
Status Register 1
Status Register 2
15 14 13 12 11 10
9
8
Status Register 1
Status Register 2
Status Register 2
Figure 8. Write Status Register Instruction Sequence Diagram
Publication Release Date: May 04, 2012
- 23 -
Revision D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com