Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 5Page - STMicroelectronics PM6652 Datasheet HTML 6Page - STMicroelectronics PM6652 Datasheet HTML 7Page - STMicroelectronics PM6652 Datasheet HTML 8Page - STMicroelectronics PM6652 Datasheet HTML 9Page - STMicroelectronics PM6652 Datasheet HTML 10Page - STMicroelectronics PM6652 Datasheet HTML 11Page - STMicroelectronics PM6652 Datasheet HTML 12Page - STMicroelectronics PM6652 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
PM6652
Pin settings
Doc ID 16867 Rev 5
9/53
2
Pin settings
2.1
Connections
Figure 4.
PM6652 pinout (top view)
2.2
Pin description
Figure 5.
Pin functions
Pin n°
Name
Description
1
VRTT#
Thermal throttling indicator, open drain output.
2
THERM
Thermal throttling input. Connect to the central tap of NTC-based divider for
MOS or inductor thermal monitoring.
3
GSNS
Output voltage ground remote sensing.
4
VSNS
Output voltage remote sensing.
5CSNS
Current sensing input for droop function and IMON reporting. It represents the
positive input of the differential current comparator. Connect to the inductor, for
DCR sensing, or to a dedicated resistor for precision current sensing.
6VOUT
Output voltage feedback. It also represents the negative input of the differential
current comparator.
7
COMP
DC output voltage error compensation pin.
8
SVCC
+5 V analog and digital supply.
9
SGND
Analog and digital ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com