Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 36 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 32Page - STMicroelectronics PM6652 Datasheet HTML 33Page - STMicroelectronics PM6652 Datasheet HTML 34Page - STMicroelectronics PM6652 Datasheet HTML 35Page - STMicroelectronics PM6652 Datasheet HTML 36Page - STMicroelectronics PM6652 Datasheet HTML 37Page - STMicroelectronics PM6652 Datasheet HTML 38Page - STMicroelectronics PM6652 Datasheet HTML 39Page - STMicroelectronics PM6652 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Device description
PM6652
36/53
Doc ID 16867 Rev 5
If the current sourced by the IMONFB pin is greater than IMAX for more than 4 ms (typ.) the
average current limit fault is detected and the IC latches off: the MOS drivers are put in high
impedance and the internal discharge MOSFET is turned on (see
Figure 37). A COREON
or SVCC toggle is required in order to restart the device.
Every time the IMONFB pin current becomes lower than IMAX, the internal timer is reset (see
Figure 38); as a consequence the inductor current which can cause the average current limit
fault is given by:
Equation 16
In order to set the right average current limit threshold, the PM6652 internal parameters and
also external component accuracy must be considered.
A complete equation for the average current limit threshold worst case variation is:
Equation 17
assuming
δR
G/RG, the accuracy of RG, αIMAX<10%, the internal current reference error,
VIMON,off<1 mV the IMON maximum offset, GSNS the NTC thermal compensation network
attenuation (see
Equation 11),
δR
SNS/RSNS the inductor DCR or precision resistor accuracy
and
δG
SNS/GSNS the thermal compensation network gain error, due to NTC and others
resistors accuracy (see
Equation 25). If the thermal compensation network is not used
and/or the current sensing filter resistor value is higher than the suggested one (as
explained it
Section 8.7: Current sensing) the previous equation must be modified in order to
take into account the DCR thermal drift and current sensing additional offset.
DCR
G
MAX
L
AVCL
,
OUT
AVCL
R
R
I
I
I
i
⋅
≥
∆
−
=
Figure 37.
Average current limit - recovery
Figure 38.
Average current limit detected
()
⎟⎟⎠
⎞
⎜⎜⎝
⎛ δ
+
⎟⎟⎠
⎞
⎜⎜⎝
⎛ δ
+
⎟⎟⎠
⎞
⎜⎜⎝
⎛
⋅
⋅
+
α
+
⎟⎟⎠
⎞
⎜⎜⎝
⎛ δ
=
δ
SNS
SNS
SNS
SNS
AVCL
SNS
SNS
off
,
IMON
IMAX
G
G
AVCL
WC
,
AVCL
G
G
R
R
I
R
G
V
R
R
I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com