Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 17Page - STMicroelectronics PM6652 Datasheet HTML 18Page - STMicroelectronics PM6652 Datasheet HTML 19Page - STMicroelectronics PM6652 Datasheet HTML 20Page - STMicroelectronics PM6652 Datasheet HTML 21Page - STMicroelectronics PM6652 Datasheet HTML 22Page - STMicroelectronics PM6652 Datasheet HTML 23Page - STMicroelectronics PM6652 Datasheet HTML 24Page - STMicroelectronics PM6652 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
PM6652
Typical operating characteristics
Doc ID 16867 Rev 5
21/53
Figure 10.
VCORE working mode (0.4 V) -
DPRSLPVR asserted, no load
Figure 11.
VCORE working mode - DPRSLPVR
not asserted, no load
Figure 12.
VCORE working mode - DPRSLPVR
not asserted, 10 A load
Figure 13.
VCORE working mode (0.9 V) -
DPRSLPVR not asserted, no load
Figure 14.
VCORE working mode (0.4 V) -
DPRSLPVR not asserted, no load
Figure 15.
VID5 transition - entering and
exiting suspend state (fast exit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com