Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 33 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 29Page - STMicroelectronics PM6652 Datasheet HTML 30Page - STMicroelectronics PM6652 Datasheet HTML 31Page - STMicroelectronics PM6652 Datasheet HTML 32Page - STMicroelectronics PM6652 Datasheet HTML 33Page - STMicroelectronics PM6652 Datasheet HTML 34Page - STMicroelectronics PM6652 Datasheet HTML 35Page - STMicroelectronics PM6652 Datasheet HTML 36Page - STMicroelectronics PM6652 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
PM6652
Device description
Doc ID 16867 Rev 5
33/53
capacitor, i.e. RA//RB1, and the resulting voltage drop is found on the VCORE output voltage,
in agreement with
Equation 7.
Equation 13
The result is an output voltage drop also at no load.
In order to avoid this no load voltage drop condition, the current sensing filter equivalent
resistance, i.e. RA//RB1, should fall in the range of 1 k
Ω -10 kΩ.
Figure 33.
Thermal compensation network
8.8
Soft-start and soft-end
The DAC voltage slew-rate at startup can be decreased, in order to limit the inrush current,
in GFX and VR11 supply mode. A soft-start capacitor CSS placed between the SSTART pin
and SGND is charged and discharged with 50 µA (only at startup). The resulting soft-start
capacitor voltage variation is exploited by the internal DAC to ramp up to the VIDs
programmed value (in GFX mode) or to the VBOOT default voltage (in VR11 mode), with
12.5 mV steps.
Figure 36 shows the soft-start VDAC voltage slew-rate vs. CSS capacitance.
If the SSTART pin is connected to SVCC, the VDAC ramp-up (and VOUT output voltage too)
is performed with a minimum 5 mV/µs voltage slew-rate. This function is performed in CPU
IMVP6.5 mode only.
Figure 34 and Figure 35 show the different soft-start mechanism for GFX mode and CPU
mode, assuming the following typical values for timing:
●
TON = 350 µs
●
TSTART depends on the soft-start programmed slew-rate and voltage; for CPU mode,
the soft-start slew-rate is 6.25 mV/µs (typ.) and VBOOT = 1.1 V, so TSTART = 176 µs
typ
●
TBOOT = 70 µs
●
TPG = 4 ms.
1
B
A
LKG
LKG
R
//
R
I
V
⋅
=
Rb1
Ca
Ra
L
Rs
Rn
Rp
CSNS
VOUT
AM02430v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com