Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 50 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 45Page - STMicroelectronics PM6652 Datasheet HTML 46Page - STMicroelectronics PM6652 Datasheet HTML 47Page - STMicroelectronics PM6652 Datasheet HTML 48Page - STMicroelectronics PM6652 Datasheet HTML 49Page - STMicroelectronics PM6652 Datasheet HTML 50Page - STMicroelectronics PM6652 Datasheet HTML 51Page - STMicroelectronics PM6652 Datasheet HTML 52Page - STMicroelectronics PM6652 Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
Package mechanical data
PM6652
50/53
Doc ID 16867 Rev 5
11
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Note:
VFQFPN stands for thermally enhanced very thin fine pitch quad flat package no lead. Very
thin: A = 1.00 mm max.
Table 9.
VFQFPN 5x5x1.0 mm 32L pitch 0.50 mechanical data
Dim.
(mm)
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
0.02
0.05
A3
0.20
b
0.18
0.25
0.30
D
4.85
5.00
5.15
D2 (1)
1.
Dimensions D2 and E2 are not in accordance with JEDEC.
2.90
3.10
3.20
E
4.85
5.00
5.15
E2 (2)
2.90
3.10
3.20
e0.50
L
0.30
0.40
0.50
ddd
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com