Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 23 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 19Page - STMicroelectronics PM6652 Datasheet HTML 20Page - STMicroelectronics PM6652 Datasheet HTML 21Page - STMicroelectronics PM6652 Datasheet HTML 22Page - STMicroelectronics PM6652 Datasheet HTML 23Page - STMicroelectronics PM6652 Datasheet HTML 24Page - STMicroelectronics PM6652 Datasheet HTML 25Page - STMicroelectronics PM6652 Datasheet HTML 26Page - STMicroelectronics PM6652 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
PM6652
Typical operating characteristics
Doc ID 16867 Rev 5
23/53
Figure 22.
VCORE efficiency (DPRSLPVR high
and low)
Figure 23.
VCORE load regulation - droop
function
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.001
0.01
0.1
1
10
100
Current [A]
1.2375V Efficiency - VIN=10V, Fsw=320kHz
PWM
PULSE SKIP
AM02419v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com