Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 30 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 26Page - STMicroelectronics PM6652 Datasheet HTML 27Page - STMicroelectronics PM6652 Datasheet HTML 28Page - STMicroelectronics PM6652 Datasheet HTML 29Page - STMicroelectronics PM6652 Datasheet HTML 30Page - STMicroelectronics PM6652 Datasheet HTML 31Page - STMicroelectronics PM6652 Datasheet HTML 32Page - STMicroelectronics PM6652 Datasheet HTML 33Page - STMicroelectronics PM6652 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
Device description
PM6652
30/53
Doc ID 16867 Rev 5
Figure 26.
PM6652 droop function
8.6
Voltage dynamic (VID) transitions
The integrated 7-bit digital-to-analog converter (DAC) can change its output voltage, with a
12.5 mV step, following
Table 6 and Table 7. After a VID change, the converter starts an
internal bit rolling in order to ramp up (or ramp down) the VDAC output with a minimum
voltage slew-rate, as declared in
Table 8. During this time and for a blanking time (typ. 30 µs)
after the transition, the undervoltage and the variable overvoltage protections are disabled.
Given the previously described control loop, the switching regulator output always tracks the
VDAC reference, with the same voltage slew-rate.
In GFX render IMVP6.5 mode, if the DPRSLPVR control signal is asserted (DPRSLPVR =
SVCC) the render suspend state is entered, enabling the pulse-skipping control mode. This
high efficiency algorithm allows the low-side MOSFET to turn off when the inductor's current
is zero; therefore the switching frequency becomes fully load-dependent, ensuring a very
Figure 27.
GFX supply - VID step, skip mode
Figure 28.
CPU IMVP6.5 - VID step, skip mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com