Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 21Page - STMicroelectronics PM6652 Datasheet HTML 22Page - STMicroelectronics PM6652 Datasheet HTML 23Page - STMicroelectronics PM6652 Datasheet HTML 24Page - STMicroelectronics PM6652 Datasheet HTML 25Page - STMicroelectronics PM6652 Datasheet HTML 26Page - STMicroelectronics PM6652 Datasheet HTML 27Page - STMicroelectronics PM6652 Datasheet HTML 28Page - STMicroelectronics PM6652 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
PM6652
Device description
Doc ID 16867 Rev 5
25/53
8
Device description
The PM6652 is a single-phase, step-down controller which can be easily configured to
regulate power to IMPV6.5 and VR11 devices, as listed below:
●
The graphics (Render) core of the Intel® mobile Arrandale processor used on the
Calpella platform
●
The low voltage and ultra low voltage mobile CPU, used on the Calpella platform
●
The VR11 compliant CPU, like Intel® ATOM 200/300 and Pineview-D CPU.
The supply mode and platform compliance are selected by acting on two multi-function pins
(refer to
Section 8.2: Mode selection for details), before the device turn-on.
The PM6652 is based on constant on-time control architecture. This type of control offers a
very fast load transient response with a minimum external component count. A typical
application circuit is shown in
Figure 1. The controller includes a 7-bit digital-to-analog
converter (DAC) that provides a reference voltage according to the VID pin settings (see
Table 6 and Table 7). The PM6652 also allows the adjusting of an active load line (or droop)
control, proportional to the inductor DCR or dedicated precision resistor, according to
IMVP6.5 specifications.
The switching frequency can be programmed in the range 200 kHz up to 600 kHz with an
external resistor connected to the input voltage (see
Section 8.1: Constant on-time PWM
control for details).
In order to maximize the efficiency at very light load, a pulse-skipping control algorithm is
performed. The PM6652 is also fully compliant with the fast and slow render suspend state
exit mode, as required by IMVP 6.5 spec. for render core supply (see
Section 8.6: Voltage
dynamic (VID) transitions for details).
The device provides protection for overvoltage, undervoltage, overcurrent and
overtemperature as well as power good (PWRGD), current monitor (IMON) and thermal
throttling (VRTT#) signals for monitoring purposes. The clock enable output signal
(CLKEN#), for appropriate platform power-up, is available in CPU supply mode only.
8.1
Constant on-time PWM control
The PM6652 controller uses a pseudo-fixed frequency, constant on-time (COT) controller as
the core of the switching section. The COT controller uses a relatively simple algorithm,
exploiting the ripple voltage due to inductor resistance DCR (or due to a sense resistor
RSNS) to trigger the fixed on-time one-shot generator.
Nearly constant switching frequency is achieved by the system loop in steady-state
operating conditions, therefore avoiding the need for a clock generator. A slight switching
frequency variation towards the load is the consequence of the switching regulator power
losses, which implies the off-time duration decrease.
The on-time one-shot duration is directly proportional to the output voltage, sensed at the
VOUT pin, and inversely proportional to the input voltage, sensed at the VOSC pin, as
follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com