Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 28Page - STMicroelectronics PM6652 Datasheet HTML 29Page - STMicroelectronics PM6652 Datasheet HTML 30Page - STMicroelectronics PM6652 Datasheet HTML 31Page - STMicroelectronics PM6652 Datasheet HTML 32Page - STMicroelectronics PM6652 Datasheet HTML 33Page - STMicroelectronics PM6652 Datasheet HTML 34Page - STMicroelectronics PM6652 Datasheet HTML 35Page - STMicroelectronics PM6652 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Device description
PM6652
32/53
Doc ID 16867 Rev 5
The previous equation also shows the frequency dependence of the DCR current sensing
technique. During load variation the sensed DCR can also increase, if the time constant
matching is not adequate; in order to avoid this situation the following equation must be
verified:
Equation 10
Figure 31 shows the VCORE load transient response when Equation 10 is not verified
whereas in
Figure 32 the load transient response shows a better time constant matching.
If a thermal compensation is required in order to compensate for the inductor's DCR
variation, due to a temperature increase, RB is replaced by a complete network, based on
an NTC (negative temperature coefficient) thermistor (Rn).
Figure 33 shows an example of
an NTC-based thermal compensation network (Rs, Rp and Rn). The resulting RB1
equivalent resistance and NTC network attenuation are:
Equation 11
and the time constant due to the CA capacitor may be computed as follows:
Equation 12
In the PM6652 the CSNS and VOUT inputs are high-impedance pins so a very small
leakage current can be measured, in the range of 50 nA to 100 nA. This leakage current,
sourced by CSNS, is multiplied by the equivalent resistance measured across the CA
L
DCR
A
R
L
τ
=
≥
τ
Figure 31.
τ
L >
τ
C
Figure 32.
τ
L <
τ
C
()
A
1
B
1
B
NTC
N
P
S
1
B
R
R
R
G
T
R
//
R
R
)
T
(
R
+
=
+
=
()
1
B
A
A
A
R
//
R
C
⋅
=
τ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com