Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 10Page - STMicroelectronics PM6652 Datasheet HTML 11Page - STMicroelectronics PM6652 Datasheet HTML 12Page - STMicroelectronics PM6652 Datasheet HTML 13Page - STMicroelectronics PM6652 Datasheet HTML 14Page - STMicroelectronics PM6652 Datasheet HTML 15Page - STMicroelectronics PM6652 Datasheet HTML 16Page - STMicroelectronics PM6652 Datasheet HTML 17Page - STMicroelectronics PM6652 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
Electrical characteristics
PM6652
14/53
Doc ID 16867 Rev 5
Current sensing
ICSNS
Input leakage current
1
µA
Current limit
comparator offset
VOFFS=VPGND-VPHASE
-4
4
mV
ILIM
ILIM bias current
4.5
5
5.5
µA
Zero-crossing
comparator offset
-3.5
3.5
mV
High-side and low-side gate drivers
HGATE driver ON-
resistance
HGATE high state (pull-up)
2.0
3
Ω
HGATE low state (pull-down)
1.6
2.7
Ω
LGATE driver ON-
resistance
LGATE high state (pull-up)
1
1.7
Ω
LGATE low state (pull-down)
0.6
1
Ω
UVP/OVP protections, PWRGD and CLKEN# signals
OVPFIXED
Fixed overvoltage
threshold
1.55
V
OVPLATCHED
Overvoltage threshold
Referred to VDAC value
200
mV
UVPLATCHED
Undervoltage threshold Referred to VDAC value
-300
mV
PWRGD
Upper threshold
Referred to VDAC value
200
mV
Lower threshold
-300
IPWRGD
PWRGD leakage
current
PWRGD forced to 3.3 V
1
µA
VPWRGD
Output low voltage
Isink=4 mA
250
350
mV
CLKEN#
Output low voltage
Isink=4 mA
250
350
mV
CLKEN# leakage
current
CLKEN# forced to 3.3 V; SSTART=5 V
1
µA
Current monitor section
IMON
Current monitor output
VCSNS – VOUT = 60 mV;
RIMONFB=1.8 k
Ω, RIMON=10 kΩ
970
1000
1030
mV
VCSNS – VOUT = 30 mV;
RIMONFB=1.8 k
Ω, RIMON=10 kΩ
474
500
526
VCSNS – VOUT = 15 mV;
RIMONFB=1.8 k
Ω, RIMON=10 kΩ
226
250
274
Current monitor clamp,
referred to GSNS
8 k
Ω <RIMON<16 kΩ;
GSNS-AGND<20 mV
1.15
V
Current monitor input
offset
IIMON = 0 µA
0
1.0
mV
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com