Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 9Page - STMicroelectronics PM6652 Datasheet HTML 10Page - STMicroelectronics PM6652 Datasheet HTML 11Page - STMicroelectronics PM6652 Datasheet HTML 12Page - STMicroelectronics PM6652 Datasheet HTML 13Page - STMicroelectronics PM6652 Datasheet HTML 14Page - STMicroelectronics PM6652 Datasheet HTML 15Page - STMicroelectronics PM6652 Datasheet HTML 16Page - STMicroelectronics PM6652 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
PM6652
Electrical characteristics
Doc ID 16867 Rev 5
13/53
4
Electrical characteristics
TJ = 25 °C, VIN = +12 V, PVCC = +5 V if not otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Supply section
ISVCC,QUIESCENT
IC supply current
COREON=5 V, DPRSLPVR=5 V, FB
forced above the regulation point
850
µA
ISVCC,SHDN
Operating current in
shutdown
COREON=SGND, TA=25 °C
1
µA
VSVCC UVLO
SVCC undervoltage
lockout upper threshold
Rising edge, controller disabled below
this level
4.3
4.5
V
SVCC undervoltage
lockout lower threshold
Falling edge, controller enabled above
this level
3.8
3.9
UVLO hysteresis
400
mV
On-time
Ton
On-time duration
VCORE=1.5 V
OSC=250 mV
820
920
1020
ns
OSC=500 mV
410
470
530
OSC=1 V
210
248
280
Off-time
TOFFMIN
Minimum off-time
250
400
ns
Integrator
VCOMP
Overvoltage clamp
VOVCLAMP=VCOMP-VCSNS
80
mV
Undervoltage clamp
VUVCLAMP=VCOMP-VCSNS
-140
mV
Integrator offset
-2.5
2.5
mV
Voltages and DAC
VDAC
Internal DAC reference
voltage accuracy
DAC codes from 0.8125 V to 1.5000 V -0.7%
0.7%
mV
DAC codes from 0.3000 V to 0.8000 V
-10
10
VDAC
slew-rate
VDAC output voltage
slew rate after VIDs
variation.
GFX mode selected, and DPRSLPVR
asserted, positive VDAC dV/dt only, or
VR11 mode selected.
10
12.5
mV/µs
GFX mode selected, and DPRSLPVR
de-assert, or CPU mode selected.
56.25
mV/µs
IleakVCC_GFXC
VCORE voltage sense
leakage current
1µA
VBOOT
Boot-up voltage
CPU or VR11 mode selected
1.100
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com