Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 7Page - STMicroelectronics PM6652 Datasheet HTML 8Page - STMicroelectronics PM6652 Datasheet HTML 9Page - STMicroelectronics PM6652 Datasheet HTML 10Page - STMicroelectronics PM6652 Datasheet HTML 11Page - STMicroelectronics PM6652 Datasheet HTML 12Page - STMicroelectronics PM6652 Datasheet HTML 13Page - STMicroelectronics PM6652 Datasheet HTML 14Page - STMicroelectronics PM6652 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
PM6652
Electrical data
Doc ID 16867 Rev 5
11/53
3
Electrical data
3.1
Maximum rating (a)
3.2
Thermal data
a.
Free air operating conditions unless otherwise specified. Stresses beyond those listed under “absolute maximum ratings”
may cause permanent damage to the device. Exposure to absolute maximum rated conditions for extended periods may
affect device reliability.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VPVCC PVCC to PGND
-0.3 to 6
V
VSVCC SVCC to SGND
-0.3 to 6
V
SGND to PGND
-0.3 to 0.3
V
VBOOT BOOT to PHASE
-0.3 to 6
V
VHGATE HGATE to PHASE
-0.3 to VBOOT +0.3
V
VPHASE PHASE to PGND
-0.3 to 37
V
VLGATE LGATE to PGND
-0.3 to VPVCC +0.3
V
VRTT#, THERM, GSNS, VSNS, CSNS, VOUT, COMP,
VDAC, IMON, IMONFB, ILIM, OSC, PWRGD,
DPRSLPVR, SSTART, CLKEN#, COREON, VIDx, to
SGND
-0.3 to VSVCC +0.3
V
Maximum withstanding voltage range test
condition: CDF-AEC-Q100-002- “human body
model” acceptance criteria: “Normal
Performance”
All the
pins
±1250
V
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance between junction and ambient
35
°C/W
TJ
Junction operating temperature range
-40 to 125
°C
TA
Operating ambient temperature range
-40 to 85
TSTG
Storage temperature range
-50 to 150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com