Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 47 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 43Page - STMicroelectronics PM6652 Datasheet HTML 44Page - STMicroelectronics PM6652 Datasheet HTML 45Page - STMicroelectronics PM6652 Datasheet HTML 46Page - STMicroelectronics PM6652 Datasheet HTML 47Page - STMicroelectronics PM6652 Datasheet HTML 48Page - STMicroelectronics PM6652 Datasheet HTML 49Page - STMicroelectronics PM6652 Datasheet HTML 50Page - STMicroelectronics PM6652 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
PM6652
Application ideas
Doc ID 16867 Rev 5
47/53
Equation 35
If C60 is used in the current sensing network the IMON function and the average current
limit feature are not available, since the DC sensed current is almost equal to zero (see
Section 8.10.2: Current monitor (IMON) for details).
This application idea has been verified for IMVP7 VCCIO and PCH core supply, 1.05 V rail.
The 1.05 V rail is required to provide up to 16 A, with 8 A load transient in 150 ns. The
following setup has been tested:
●
Output capacitor: 4x330 µF/6 m
Ω + 8x10 µF/X5R
●
Inductor: 0.5 µH/26.9 ARMS/0.86 m
Ω
●
C15=100 nF; C60=3.3 nF; R31=R32=3.3 k
Ω; C30=100 pF; R8=300 kΩ.
The DC and AC performances have been evaluated.
Figure 50.
Load line disabled – VCCIO supply example
The measured output voltage is almost constant in the full load range, with a maximum drift
lower than 0.2 mV.
The output voltage ripple is close to 17 mV peak-to-peak, from 1 A to 16 A output load.
DAC
SS
_
GND
SS
_
CORE
V
V
V
=
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com