Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 38 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 34Page - STMicroelectronics PM6652 Datasheet HTML 35Page - STMicroelectronics PM6652 Datasheet HTML 36Page - STMicroelectronics PM6652 Datasheet HTML 37Page - STMicroelectronics PM6652 Datasheet HTML 38Page - STMicroelectronics PM6652 Datasheet HTML 39Page - STMicroelectronics PM6652 Datasheet HTML 40Page - STMicroelectronics PM6652 Datasheet HTML 41Page - STMicroelectronics PM6652 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
Device description
PM6652
38/53
Doc ID 16867 Rev 5
the external MOSFET or the inductor, allows the controller to monitor the thermal status of
the power components (see
Figure 40).
In applications where this function is not required (in render core supply, for example) the
THERM pin must be connected to 5 V and VRTT# can be left floating.
Figure 40.
Voltage regulator thermal throttling
8.10.4
Overvoltage protection
The PM6652 can detect two kinds of VOUT overvoltage:
●
Fixed 1.55 V overvoltage threshold
●
Variable +200 mV overvoltage threshold, referred to VDAC reference voltage.
Both overvoltage protections are latched, so a COREON or SVCC toggle is required in
order to restart the device.
If the fixed overvoltage threshold is reached, the high-side MOSFET is immediately turned
off and the output capacitor is sharply discharged by turning on the low-side MOSFET. This
fault protection is always active.
When a variable VOUT overvoltage is detected, both high-side and low-side external
MOSFETs are turned off and the output capacitor soft-discharge is performed. The internal
discharge MOSFET is turned on until VOUT is lower than about 100 mV, then the low-side
MOSFET is turned on (see
Figure 20 on page 22). This fault detection is masked during VID
transitions and, during soft-start, until the power good signal is released.
8.10.5
Undervoltage protection
If the switching voltage regulator output falls below -300 mV, referred to VDAC programmed
voltage, the latched undervoltage fault is detected and the output capacitor soft-discharge is
performed. The internal discharge MOSFET is turned on until VCC_GFX is lower than about
100 mV, then the low-side MOSFET is turned on (see
Figure 21). This fault detection is
masked during VID transitions and, during soft-start, until the power good signal is released.
The undervoltage protection can't be detected if the programmed VDAC voltage is lower than
300 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com