Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 48 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 44Page - STMicroelectronics PM6652 Datasheet HTML 45Page - STMicroelectronics PM6652 Datasheet HTML 46Page - STMicroelectronics PM6652 Datasheet HTML 47Page - STMicroelectronics PM6652 Datasheet HTML 48Page - STMicroelectronics PM6652 Datasheet HTML 49Page - STMicroelectronics PM6652 Datasheet HTML 50Page - STMicroelectronics PM6652 Datasheet HTML 51Page - STMicroelectronics PM6652 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
Application ideas
PM6652
48/53
Doc ID 16867 Rev 5
A few waveforms show the AC behavior during load transient (from 8 A to 16 A, in 150 ns),
with different load transient frequency.
Figure 51.
VCCIO output voltage ripple (1 A)
Figure 52.
VCCIO output voltage ripple (16 A)
Figure 53.
Load transient response - 5 kHz
Figure 54.
Load transient response - 40 kHz
Figure 55.
Load transient response - 100 kHz
Figure 56.
Load transient response - 300 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com