Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 40 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 36Page - STMicroelectronics PM6652 Datasheet HTML 37Page - STMicroelectronics PM6652 Datasheet HTML 38Page - STMicroelectronics PM6652 Datasheet HTML 39Page - STMicroelectronics PM6652 Datasheet HTML 40Page - STMicroelectronics PM6652 Datasheet HTML 41Page - STMicroelectronics PM6652 Datasheet HTML 42Page - STMicroelectronics PM6652 Datasheet HTML 43Page - STMicroelectronics PM6652 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Device description
PM6652
40/53
Doc ID 16867 Rev 5
Figure 42.
Valley current limit detection
If the overload is not removed, the output capacitor keeps discharging until the UV fault is
detected.
In order to set the right valley current limit threshold, the PM6652 internal parameters and
also external component accuracy must be considered.
A complete computation of the valley current limit threshold worst case variation can be
found in
Equation 22.
Equation 22
The “key parameter” is the low-side MOSFET ON-resistance,
δR
DS,ON, which takes into
account the maximum ON-resistance value and its thermal drift. The other parameters, with
the exception of RILIM (typical accuracy 1%), are all internal parameters: δIILIM<0.5 µA is the
current reference variation and VOFFSET<4 mV is the current limit comparator offset.
8.10.7
SVCC undervoltage protection
The PM6652 can detect an SVCC undervoltage (threshold 3.9 V typ.). When this fault
occurs, the high-side MOSFET is turned off and the low-side MOSFET is turned on. The
device is turned on again if the SVCC voltage is higher than 4.4 V (typ.). This fault protection
is always active.
8.10.8
Thermal protection
If the device internal temperature is greater than 150 °C, the thermal shutdown is
performed. The internal discharge MOSFET is turned on until VOUT is lower than about 100
mV, then the low-side MOSFET is turned on.
A COREON or SVCC toggle is required to turn on again the device. This fault detection is
masked during VID transitions and, during soft-start, until the power good signal is released.
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛ δ
+
⎟⎟⎠
⎞
⎜⎜⎝
⎛
⋅
⋅
+
⎟⎟⎠
⎞
⎜⎜⎝
⎛ δ
+
⎟⎟⎠
⎞
⎜⎜⎝
⎛ δ
>
δ
ON
,
DS
ON
,
DS
ILIM
ILIM
OFFSET
ILIIM
ILIIM
ILIM
ILIM
VALL
,
L
WC
,
VALL
,
L
R
R
R
I
V
20
I
I
R
R
I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com