Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6652 Datasheet(PDF) 28 Page - STMicroelectronics

Part # PM6652
Description  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 24Page - STMicroelectronics PM6652 Datasheet HTML 25Page - STMicroelectronics PM6652 Datasheet HTML 26Page - STMicroelectronics PM6652 Datasheet HTML 27Page - STMicroelectronics PM6652 Datasheet HTML 28Page - STMicroelectronics PM6652 Datasheet HTML 29Page - STMicroelectronics PM6652 Datasheet HTML 30Page - STMicroelectronics PM6652 Datasheet HTML 31Page - STMicroelectronics PM6652 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
Device description
PM6652
28/53
Doc ID 16867 Rev 5
Figure 25.
PM6652 integrator
8.2
Mode selection
The PM6652 has two multifunction pins which allow the selection of the supply mode of
operation. There are three different modes, as shown in
Table 8.
Table 8.
PM6652 mode of operation selection
Feature
Mode of operation
GFX render IMVP6.5
CPU core IMVP6.5
CPU core VR11
VDAC Table
Table 6
Table 6
Table 7 on page 18
VOUT minimum
voltage slew-rate
5 mV/µs, DPRSLPVR=LOW
5 mV/µs
10 mVµs
10 mV/ìs, when DPRSLPVR=HIGH
(render suspend fast exit mode)
VBOOT voltage
Not required. See
Section 8.8: Soft-
start and soft-end for details.
1.1 V
1.1 V
CLKEN#
Not used. connect to 5 V.
Output required
Not used. connect
to SGND.
Soft-start slew-
rate
Programmable by ext. cap.
Fixed, 5 mV/µs
minimum
Programmable by
ext. cap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com